PART |
Description |
Maker |
LV100-1200 |
Voltage Transducer LV 100-1200
|
LEM[LEM]
|
LV25-1200 |
Voltage Transducer LV 25-1200
|
LEM[LEM]
|
LV100-2500 |
Voltage Transducer LV 100-2500
|
LEM[LEM]
|
LV100-1500 |
Voltage Transducer LV 100-1500 电压互感器低00-1500
|
LEM[LEM]
|
SC5203 SC5203-3.0CSK SC5203-3.3CSK SC5203-3.6CSK S |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 3.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR 80mA的超低压降稳压器 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Absolute, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/4-18 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
CM100DU-24F CM100DU-24H |
Trench Gate Design Dual IGBTMOD?/a> 100 Amperes/1200 Volts HIGH POWER SWITCHING USE INSULATED TYPE Trench Gate Design Dual IGBTMOD⑩ 100 Amperes/1200 Volts Trench Gate Design Dual IGBTMOD 100 Amperes/1200 Volts
|
Mitsubishi Electric Semiconductor Powerex Power Semiconductors
|
HTY75-P HTY50-P HTY100-P |
Current Transducer HTY 50~100-P
|
LEM[LEM]
|
CM100TU-24F |
Trench Gate Design Six IGBTMOD100 Amperes/1200 Volts Trench Gate Design Six IGBTMOD 100 Amperes/1200 Volts Trench Gate Design Six IGBTMOD⑩ 100 Amperes/1200 Volts Trench Gate Design Six IGBTMOD?/a> 100 Amperes/1200 Volts
|
POWEREX[Powerex Power Semiconductors]
|
R5021010 R5020410 R5030410 R5031210 R5031010 R5020 |
1200V, 100A fast recovery single diode 1000V, 100A fast recovery single diode 800V, 100A fast recovery single diode 600V, 100A fast recovery single diode Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 快速恢复整流器00安培平均1200伏特 Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 100 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
LV100-3000_03 LV100-3000 |
Voltage Transducer
|
LEM[LEM]
|
LV100-1600_03 LV100-1600 LV100-160003 |
Voltage Transducer
|
LEM[LEM]
|
LV100-100_03 LV100-100 LV100-10003 |
Voltage Transducer
|
LEM[LEM]
|